Part Number Hot Search : 
1N4001G1 SDR951S1 BR3510 SAA2505H TS944AIN C68HC05 TT2222 PS7341
Product Description
Full Text Search
 

To Download FR607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
FR601 THRU FR607
6 Amp Fast Recovery Rectifier 50 to 1000 Volts
R-6
Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number FR601 FR602 FR603 FR604 FR605 FR606 FR607 Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
---------------
A Cathode Mark
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 6A TA = 55C Current Peak Forward Surge IFSM 300A 8.3ms, half sine Current IFM = 6.0A; Maximum 1.3V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 10A TA = 25C Rated DC Blocking 150A TA = 55C Voltage Maximum Reverse Recovery Time 150ns IF=0.5A, IR=1.0A, FR601-604 Trr 250ns Irr=0.25A FR605 500ns FR606-607 Typical Junction CJ 150pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
D
C
DIMENSIONS INCHES MIN .340 .340 .048 1.000 MM MIN 8.60 8.60 1.20 25.40
DIM A B C D
MAX .360 .360 .052 ---
MAX 9.10 9.10 1.30 ---
NOTE
www.mccsemi.com
FR601 thru FR607
Figure 1 Typical Forward Characteristics 20 10 6 4 10 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .6 .8 1.0 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 2 Amps 4 8 12 Figure 2 Forward Derating Curve
MCC
6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
FR601 thru FR607
Figure 4 Peak Forward Surge Current 300 250 200 150 Amps 100 50 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
MCC
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of FR607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X